Part Number Hot Search : 
08API LLM315 1100H LTC69 GP10K CS840 MAX198 2015M
Product Description
Full Text Search
 

To Download MC74HC245ADTR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 july, 2005 ? rev. 11 1 publication order number: mc74hc245a/d mc74hc245a octal 3?state noninverting bus transceiver high?performance silicon?gate cmos the mc74hc245a is identical in pinout to the ls245. the device inputs are compatible with standard cmos outputs; with pull?up resistors, they are compatible with lsttl outputs. the hc245a is a 3?state noninverting transceiver that is used for 2?way asynchronous communication between data buses. the device has an active?low output enable pin, which is used to place the i/o ports into high?impedance states. the direction control determines whether data flows from a to b or from b to a. features ? output drive capability: 15 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1  a ? high noise immunity characteristic of cmos devices ? in compliance with the requirements defined by jedec standard no. 7a ? moisture sensitivity: msl1 for all packages ? chip complexity: 308 fets or 77 equivalent gates ? pb?free packages are available* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com 20 1 1 20 marking diagrams soic?20 dw suffix case 751d 74hc245a awlyywwg hc 245a alyw   tssop?20 dt suffix case 948e soeiaj?20 f suffix case 967 74hc245a awlywwg 1 1 1 20 1 20 20 20 see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information pdip?20 n suffix case 738 1 20 mc74hc245an awlyywwg 1 2 0 a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g = pb?free package  = pb?free package (note: microdot may be in either location)
mc74hc245a http://onsemi.com 2 figure 1. pin assignment a5 a3 a2 a1 direction gnd a8 a7 a6 a4 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 b3 b2 b1 output enable v cc b8 b7 b6 b5 b4 a data port a8 a7 a6 a5 a3 a4 a2 a1 9 8 7 6 5 4 3 2 direction output enable 1 19 pin 10 = gnd pin 20 = v cc 18 17 16 15 14 13 12 11 b1 b2 b3 b4 b5 b6 b7 b8 b data por t figure 2. logic diagram function table control inputs operation output enable direction l l data transmitted from bus b to bus a l h data transmitted from bus a to bus b h x buses isolated (high?impedance state) x = don?t care ordering information device package shipping ? mc74hc245an pdip?20 18 units / rail mc74hc245ang pdip?20 (pb?free) 18 units / rail mc74hc245adw soic?20 wide 38 units / rail mc74hc245adwg soic?20 wide (pb?free) 38 units / rail mc74hc245adwr2 soic?20 wide 1000 tape & reel mc74hc245adwr2g soic?20 wide (pb?free) 1000 tape & reel mc74hc245adt tssop?20* 75 units / rail mc74hc245adtg tssop?20* 75 units / rail MC74HC245ADTR2 tssop?20* 2500 tape & reel MC74HC245ADTR2g tssop?20* 2500 tape & reel mc74hc245af soeiaj?20 40 units / rail mc74hc245afg soeiaj?20 (pb?free) 40 units / rail mc74hc245afel soeiaj?20 2000 tape & reel mc74hc245afelg soeiaj?20 (pb?free) 2000 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb?free.
mc74hc245a http://onsemi.com 3 maximum ratings (note 1) symbol parameter value unit v cc dc supply voltage  0.5 to  7.0 v v in dc input voltage  0.5 to v cc  0.5 v v out dc output voltage (note 2)  0.5 to v cc  0.5 v i ik dc input diode current  20 ma i ok dc output diode current  35 ma i out dc output sink current  35 ma i cc dc supply current per supply pin  75 ma i gnd dc ground current per ground pin  75 ma t stg storage temperature range  65 to  150  c t l lead temperature, 1 mm from case for 10 seconds 260  c t j junction temperature under bias  150  c  ja thermal resistance pdip soic tssop 67 96 128  c/w p d power dissipation in still air at 85  c pdip soic tssop 750 500 450 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 30% to 35% ul 94 v?0 @ 0.125 in v esd esd withstand voltage human body model (note 3) machine model (note 4) charged device model (note 5)  2000  200  1000 v i latchup latchup performance above v cc and below gnd at 85  c (note 6)  300 ma maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. 1. measured with minimum pad spacing on an fr4 board, using 10 mm?by?1 inch, 20 ounce copper trace with no air flow. 2. i o absolute maximum rating must observed. 3. tested to eia/jesd22?a114?a. 4. tested to eia/jesd22?a115?a. 5. tested to jesd22?c101?a. 6. tested to eia/jesd78. recommended operating conditions ???? ???? ????????????????????? ????????????????????? ????? ????? ???? ???? ??? ??? ???? ???? v cc ????????????????????? ????????????????????? ????? ????? ???? ???? ??? ??? ???? ???? ????????????????????? ????????????????????? ????? ????? ???? ???? ??? ??? ???? ???? ????????????????????? ????????????????????? ????? ????? ???? ???? ??? ???  c ???? ? ?? ? ???? t r , t f ????????????????????? ? ??????????????????? ? ????????????????????? input rise and fall time v cc = 2.0 v (figure 3) v cc = 4.5 v v cc = 6.0 v ????? ? ??? ? ????? 0 0 0 ???? ? ?? ? ???? 1000 500 400 ??? ? ? ? ??? ns
mc74hc245a http://onsemi.com 4 dc electrical characteristics (voltages referenced to gnd) ???? ???? ?????????? ?????????? ????????? ????????? ??? ??? ?????????? ?????????? guaranteed limit ?? ?? ???? ???? ?????????? ?????????? ????????? ????????? ??? ??? ???? ????  c ???? ????  85  c ???? ????  125  c ?? ?? ???? ? ?? ? ? ?? ? ???? v ih ?????????? ? ???????? ? ? ???????? ? ?????????? minimum high?level input voltage ????????? ? ??????? ? ? ??????? ? ????????? v out = v cc ? 0.1 v |i out |  20  a ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 1.5 2.1 3.15 4.2 ???? ? ?? ? ? ?? ? ???? 1.5 2.1 3.15 4.2 ???? ? ?? ? ? ?? ? ???? 1.5 2.1 3.15 4.2 ?? ?? ?? ?? ???? ? ?? ? ? ?? ? ???? v il ?????????? ? ???????? ? ? ???????? ? ?????????? maximum low?level input voltage ????????? ? ??????? ? ? ??????? ? ????????? v out = 0.1 v |i out |  20  a ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 0.5 0.9 1.35 1.8 ???? ? ?? ? ? ?? ? ???? 0.5 0.9 1.35 1.8 ???? ? ?? ? ? ?? ? ???? 0.5 0.9 1.35 1.8 ?? ?? ?? ?? ???? ? ?? ? ? ?? ? ? ?? ? ???? v oh ?????????? ? ???????? ? ? ???????? ? ? ???????? ? ?????????? minimum high?level output voltage ????????? ? ??????? ? ????????? v in = v ih |i out |  20  a ??? ? ? ? ??? 2.0 4.5 6.0 ???? ? ?? ? ???? 1.9 4.4 5.9 ???? ? ?? ? ???? 1.9 4.4 5.9 ???? ? ?? ? ???? 1.9 4.4 5.9 ?? ?? ?? ?? ?? ????????? ? ??????? ? ????????? v in = v ih |i out |  2.4 ma |i out |  6.0 ma |i out |  7.8 ma ??? ? ? ? ??? 3.0 4.5 6.0 ???? ? ?? ? ???? 2.48 3.98 5.48 ???? ? ?? ? ???? 2.34 3.84 5.34 ???? ? ?? ? ???? 2.2 3.7 5.2 ???? ? ?? ? ? ?? ? ? ?? ? ???? v ol ?????????? ? ???????? ? ? ???????? ? ? ???????? ? ?????????? maximum low?level output voltage ????????? ? ??????? ? ????????? v in = v il |i out |  20  a ??? ? ? ? ??? 2.0 4.5 6.0 ???? ? ?? ? ???? 0.1 0.1 0.1 ???? ? ?? ? ???? 0.1 0.1 0.1 ???? ? ?? ? ???? 0.1 0.1 0.1 ?? ?? ?? ?? ?? ????????? ? ??????? ? ????????? v in = v il |i out |  2.4 ma |i out |  6.0 ma |i out |  7.8 ma ??? ? ? ? ??? 3.0 4.5 6.0 ???? ? ?? ? ???? 0.26 0.26 0.26 ???? ? ?? ? ???? 0.33 0.33 0.33 ???? ? ?? ? ???? 0.4 0.4 0.4 ???? ???? ?????????? ?????????? ????????? ????????? ??? ??? ???? ???? 0.1 ???? ???? 1.0 ???? ???? 1.0 ?? ??  a ???? ? ?? ? ???? i oz ?????????? ? ???????? ? ?????????? maximum three?state leakage current ????????? ? ??????? ? ????????? output in high?impedance state v in = v il or v ih v out = v cc or gnd ??? ? ? ? ??? 6.0 ???? ? ?? ? ???? 0.5 ???? ? ?? ? ???? 5.0 ???? ? ?? ? ???? 10 ?? ?? ??  a ???? ? ?? ? ???? i cc ?????????? ? ???????? ? ?????????? maximum quiescent supply current (per package) ????????? ? ??????? ? ????????? v in = v cc or gnd i out = 0  a ??? ? ? ? ??? 6.0 ???? ? ?? ? ???? 4.0 ???? ? ?? ? ???? 40 ???? ? ?? ? ???? 160 ?? ?? ??  a 7. information on typical parametric values and high frequency or heavy load considerations can be found in the on semic onductor high?speed cmos data book (dl129/d). ac electrical characteristics (c l = 50 pf, input t r = t f = 6 ns) ???? ? ?? ? ???? symbo l ?????????????????? ? ???????????????? ? ?????????????????? parameter ??? ? ? ? ??? v cc v ?????????? ?????????? ?? ?? ?? ???? ????  c ???? ????  85  c ???? ????  125  c ???? ? ?? ? ? ?? ? ???? t plh , t phl ?????????????????? ? ???????????????? ? ? ???????????????? ? ?????????????????? maximum propagation delay, a to b, b to a (figures 1 and 3) ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 75 55 15 13 ???? ? ?? ? ? ?? ? ???? 95 70 19 16 ???? ? ?? ? ? ?? ? ???? 110 80 22 19 ?? ?? ?? ?? ???? ? ?? ? ? ?? ? ???? t plz , t phz ?????????????????? ? ???????????????? ? ? ???????????????? ? ?????????????????? maximum propagation delay, direction or output enable to a or b (figures 2 and 4) ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 110 90 22 19 ???? ? ?? ? ? ?? ? ???? 140 110 28 24 ???? ? ?? ? ? ?? ? ???? 165 130 33 28 ?? ?? ?? ?? ???? ? ?? ? ? ?? ? ???? t pzl , t pzh ?????????????????? ? ???????????????? ? ? ???????????????? ? ?????????????????? maximum propagation delay, output enable to a or b (figures 2 and 4) ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 110 90 22 19 ???? ? ?? ? ? ?? ? ???? 140 110 28 24 ???? ? ?? ? ? ?? ? ???? 165 130 33 28 ?? ?? ?? ?? ???? ? ?? ? ???? t tlh , t thl ?????????????????? ? ???????????????? ? ?????????????????? maximum output transition time, any output (figures 1 and 3) ??? ? ? ? ??? 2.0 3.0 4.5 6.0 ???? ? ?? ? ???? 60 23 12 10 ???? ? ?? ? ???? 75 27 15 13 ???? ? ?? ? ???? 90 32 18 15 ?? ?? ?? ???? ???? ?????????????????? ?????????????????? ??? ??? ???? ???? ???? ???? ???? ???? ?? ?? ???? ? ?? ? ???? c out ?????????????????? ? ???????????????? ? ?????????????????? maximum three?state i/o capacitance (i/o in high?impedance state) ??? ? ? ? ??? ? ???? ? ?? ? ???? 15 ???? ? ?? ? ???? 15 ???? ? ?? ? ???? 15 ?? ?? ?? typical @ 25 c, v cc = 5.0 v pf 40 9. used to determine the no?load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see the on semiconductor high?speed cmos data book (dl129/d).
mc74hc245a http://onsemi.com 5 v cc gnd t f t r input a or b output b or a 10% 50% 90% 10% 50% 90% t tlh t plh t phl t thl figure 3. switching waveform output enable a or b a or b 50% 50% 50% 90% 10% t pzl t plz t pzh t phz v cc gnd high impedance v ol v oh high impedance v cc gnd 50% figure 4. switching waveform direction output *includes all probe and jig capacitance c l * test point device under test figure 5. test circuit *includes all probe and jig capacitance c l * test point device under test output figure 6. test circuit connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k 
mc74hc245a http://onsemi.com 6 figure 7. expanded logic diagram a data port b data port output enable direction a1 a2 a3 a4 a5 a6 a7 a8 2 3 4 5 6 7 8 9 19 1 b1 b2 b3 b4 b5 b6 b7 b8 18 17 16 15 14 13 12 11
mc74hc245a http://onsemi.com 7 package dimensions pdip?20 n suffix plastic dip package case 738?03 issue e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension b does not include mold flash. m l j 20 pl m b m 0.25 (0.010) t dim min max min max millimeters inches a 25.66 27.17 1.010 1.070 b 6.10 6.60 0.240 0.260 c 3.81 4.57 0.150 0.180 d 0.39 0.55 0.015 0.022 g 2.54 bsc 0.100 bsc j 0.21 0.38 0.008 0.015 k 2.80 3.55 0.110 0.140 l 7.62 bsc 0.300 bsc m 0 15 0 15 n 0.51 1.01 0.020 0.040   e 1.27 1.77 0.050 0.070 1 11 10 20 ?a? seating plane k n f g d 20 pl ?t? m a m 0.25 (0.010) t e b c f 1.27 bsc 0.050 bsc soic?20 dw suffix case 751d?05 issue g 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition. 
mc74hc245a http://onsemi.com 8 package dimensions tssop?20 dt suffix case 948e?02 issue b dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ?w?. 110 11 20 pin 1 ident a b ?t? 0.100 (0.004) c d g h section n?n k k1 jj1 n n m f ?w? seating plane ?v? ?u? s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 ??? ??? s u 0.15 (0.006) t
mc74hc245a http://onsemi.com 9 package dimensions soeiaj?20 f suffix case 967?01 issue o dim min max min max inches ??? 2.05 ??? 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 12.35 12.80 0.486 0.504 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 ??? 0.81 ??? 0.032 a 1 h e q 1 l e  10  0  10  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). h e a 1 l e q 1  c a z d e 20 110 11 b m 0.13 (0.005) e 0.10 (0.004) view p detail p m l a b c d e e l m z
mc74hc245a http://onsemi.com 10 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc74hc245a/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC74HC245ADTR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X